データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA2SD24 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 MA2SD24
部品情報  Silicon epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SD24 データシート(HTML) 1 Page - Panasonic Semiconductor

  MA2SD24 Datasheet HTML 1Page - Panasonic Semiconductor MA2SD24 Datasheet HTML 2Page - Panasonic Semiconductor MA2SD24 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: April 2004
SKH00028BED
MA2SD24
Silicon epitaxial planar type
For super high speed switching
■ Features
• Forward current (Average) I
F(AV) = 200 mA rectification is
possible
• Small reverse current I
R
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
20
V
Repetitive peak reverse voltage
VRRM
20
V
Peak forward current
IFM
300
mA
Forward current (Average)
IF(AV)
200
mA
Non-repetitive peak forward
IFSM
1A
surge current *
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note) *: The peak-to-peak value in one cycle of 50 Hz sine wave (non-repetitive)
Marking Symbol: 5L
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 200 mA
0.50
0.58
V
Reverse current
IR
VR
= 10 V
0.1
1.0
µA
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
25
pF
Reverse recovery time *
trr
IF = IR = 100 mA
3
ns
Irr
= 10 mA, R
L
= 100 Ω
■ Electrical Characteristics T
a = 25°C ± 3°C
Bias Application Unit (N-50BU)
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 10 mA
t
r
t
p
t
rr
V
R
I
F
t
t
A
1: Anode
2: Cathode
EIAJ: SC-79
SSMini2-F1 Package
Unit: mm
0.80
+0.05
–0.03
0.60
+0.05
–0.03
0.12
+0.05
–0.02
0
+0
–0.05
0.30±0.05
0.01±0.01
1
2
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
3. Absolute frequency of input and output is 250 MHz.
4. *: trr measurement circuit


同様の部品番号 - MA2SD24

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MA2SD24 PANASONIC-MA2SD24 Datasheet
234Kb / 3P
   Silicon epitaxial planar type For super high speed switching
MA2SD24 PANASONIC-MA2SD24_13 Datasheet
234Kb / 3P
   Silicon epitaxial planar type For super high speed switching
More results

同様の説明 - MA2SD24

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com