| データシートサーチシステム |
|
TMS320LC2402AVFS データシート(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320LC2402AVFS データシート(HTML) 106 Page - Texas Instruments |
|
106 / 134 page ![]() TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 106 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 external memory interface ready-on-write timing (continued) timing requirements for an external memory interface ready-on-write with one software wait state and one external wait state (see Figure 50) MIN MAX UNIT th(RDY)COH Hold time, READY after CLKOUT high H − 2.5 ns tsu(RDY)COH Setup time, READY before CLKOUT high H − 9.5 ns td(COH-A)W Delay time, CLKOUT high to address valid 10 ns PS, DS, IS READY WE SW = 1 cycle EXW = 1 cycle Write Cycle D[0:15] STRB th(RDY)COH tsu(RDY)COH CLKOUT R/W td(COH−A)W A[0:15] Figure 50. Ready-on-Write Timings With One Software Wait (SW) State and One External Wait (EXW) State |