| データシートサーチシステム |
|
ST7MC1K2T6 データシート(PDF) 264 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2T6 データシート(HTML) 264 Page - STMicroelectronics |
|
264 / 308 page ![]() ST7MC1/ST7MC2 264/308 I/O PORT PIN CHARACTERISTICS (Cont’d) Figure 138. Two typical Applications with unused I/O Pin Figure 139. Typical IPU vs. VDD with VIN=VSS Figure 140. Typical RPU vs. VDD with VIN=VSS 10k Ω UNUSED I/O PORT ST7MC 10k Ω UNUSED I/O PORT ST7MC VDD Note: I/O can be left unconnected if it is configured as output robustness and lower cost. (0 or 1) by the software. This has the advantage of greater EMC 0 10 20 30 40 50 60 70 80 90 3.5 4 4.5 5 5.5 VDD (V) Temperature (-45 ºC) Temperature (25 ºC) Temperature (90 ºC) Temperature (130 ºC) 0 50 100 150 200 250 300 3.5 4 4.5 5 5.5 VDD (V) Temperature (-45 ºC) Temperature (25 ºC) Temperature (90 ºC) Temperature (130 ºC) |