| データシートサーチシステム |
|
ST7MC2S4TC データシート(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S4TC データシート(HTML) 153 Page - STMicroelectronics |
|
153 / 308 page ![]() ST7MC1/ST7MC2 153/308 MOTOR CONTROLLER (Cont’d) Table 31. Demagnetisation (D) Event Generation (example for ZVD=0) HDM bit Meaning CPB bit = 1 CPB bit = 0 0 Simulated Mode (SDM bit =1 and HDM bit = 0) D = DS = Output Compare [MDREG, MTIM registers] 1 Hardware/Simulat- ed Mode (SDM bit = 1 and HDM bit = 1) D = DH + DS (Hardware detection or Output compare true) D = DH (Hardware detection only) (*) Note: This is a zoom to the additional voltage induced by the rotor (Back EMF) Z CH Σ 2 HV HV/2 0V DS Z CH Σ 2 HVV HV/2 0V DS Undershoot due to motor parasite or first Weak / null undershoot and (*) (*) sampling BEMF positive DS Z Σ 5 HVV HV/2 0V CH (*) Z CH Σ 2 HV HV/2 0V Z CH Σ 2 HV HV/2 0V DS Undershoot due to motor parasite or first Weak / null undershoot and (*) (*) DH DS sampling BEMF positive DH Z Σ 5 HV HV/2 0V CH (*) 1 |