データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962TA データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 BTN8962TA
部品情報  High Current PN Half Bridge
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962TA データシート(HTML) 3 Page - Infineon Technologies AG

  BTN8962TA Datasheet HTML 1Page - Infineon Technologies AG BTN8962TA Datasheet HTML 2Page - Infineon Technologies AG BTN8962TA Datasheet HTML 3Page - Infineon Technologies AG BTN8962TA Datasheet HTML 4Page - Infineon Technologies AG BTN8962TA Datasheet HTML 5Page - Infineon Technologies AG BTN8962TA Datasheet HTML 6Page - Infineon Technologies AG BTN8962TA Datasheet HTML 7Page - Infineon Technologies AG BTN8962TA Datasheet HTML 8Page - Infineon Technologies AG BTN8962TA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PG-TO263-7-1
Type
Package
Marking
BTN8962TA
PG-TO263-7-1
BTN8962TA
Data Sheet
3
Rev. 1.0, 2013-05-17
High Current PN Half Bridge
NovalithIC™
BTN8962TA
1Overview
Features
Path resistance of max. 30.3 m
Ω @ 150 °C (typ. 14.2 mΩ @ 25 °C)
High Side: max. 13.4 m
Ω @ 150 °C (typ. 6.7 mΩ @ 25 °C)
Low Side: max. 16.9 m
Ω @ 150 °C (typ. 7.5 mΩ @ 25 °C)
Enhanced switching speed for reduced switching losses
Capable for high PWM frequency combined with active freewheeling
Low quiescent current of typ. 7
μA @ 25 °C
Switched mode current limitation for reduced power dissipation
in overcurrent
Current limitation level of 30 A min.
Status flag diagnosis with current sense capability
Overtemperature shut down with latch behaviour
Undervoltage shut down
Driver circuit with logic level inputs
Adjustable slew rates for optimized EMI
Operation up to 40V
Green Product (RoHS compliant)
AEC Qualified
Description
The BTN8962TA is an integrated high current half bridge for motor drive applications. It is part of the NovalithIC™
family containing one p-channel highside MOSFET and one n-channel lowside MOSFET with an integrated driver
IC in one package. Due to the p-channel highside switch the need for a charge pump is eliminated thus minimizing
EMI. Interfacing to a microcontroller is made easy by the integrated driver IC which features logic level inputs,
diagnosis with current sense, slew rate adjustment, dead time generation and protection against overtemperature,
undervoltage, overcurrent and short circuit.
The BTN8962TA provides a cost optimized solution for protected high current PWM motor drives with very low
board space consumption.


同様の部品番号 - BTN8962TA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962 INFINEON-BTN8962 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results

同様の説明 - BTN8962TA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
   High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com