データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTN8962TA データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 BTN8962TA
部品情報  High Current PN Half Bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8962TA データシート(HTML) 8 Page - Infineon Technologies AG

Back Button BTN8962TA Datasheet HTML 4Page - Infineon Technologies AG BTN8962TA Datasheet HTML 5Page - Infineon Technologies AG BTN8962TA Datasheet HTML 6Page - Infineon Technologies AG BTN8962TA Datasheet HTML 7Page - Infineon Technologies AG BTN8962TA Datasheet HTML 8Page - Infineon Technologies AG BTN8962TA Datasheet HTML 9Page - Infineon Technologies AG BTN8962TA Datasheet HTML 10Page - Infineon Technologies AG BTN8962TA Datasheet HTML 11Page - Infineon Technologies AG BTN8962TA Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
8
Rev. 1.0, 2013-05-17
High Current PN Half Bridge
BTN8962TA
General Product Characteristics
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
4.3.1
Thermal Resistance
Junction-Case, High Side Switch
R
thjc(HS) = ΔTj(HS)/ Pv(HS)
R
thJC(HS)
0.6
0.9
K/W
1)
4.3.2
Thermal Resistance
Junction-Case, Low Side Switch
R
thjc(LS) = ΔTj(LS)/ Pv(LS)
R
thJC(LS)
1.7
2.4
K/W
1)
1) Not subject to production test, specified by design
4.3.3
Thermal Resistance
Junction-Ambient
R
thJA
–20
K/W
1) 2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.


同様の部品番号 - BTN8962TA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN8962 INFINEON-BTN8962 Datasheet
6Mb / 94P
High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results

同様の説明 - BTN8962TA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
logo
Fairchild Semiconductor
FAN7093 FAIRCHILD-FAN7093_12 Datasheet
766Kb / 14P
High-Current PN Half-Bridge Driver
logo
Infineon Technologies A...
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
High Current PN Half Bridge
Rev. 1.0, 2013-05-17
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com