データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-52 データシート(PDF) 6 Page - Copal Electronics

部品番号 W-52
部品情報  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52 データシート(HTML) 6 Page - Copal Electronics

Back Button W-52 Datasheet HTML 2Page - Copal Electronics W-52 Datasheet HTML 3Page - Copal Electronics W-52 Datasheet HTML 4Page - Copal Electronics W-52 Datasheet HTML 5Page - Copal Electronics W-52 Datasheet HTML 6Page - Copal Electronics W-52 Datasheet HTML 7Page - Copal Electronics W-52 Datasheet HTML 8Page - Copal Electronics W-52 Datasheet HTML 9Page - Copal Electronics W-52 Datasheet HTML 10Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
W-52
6
Operation
The W-52 device is a high efficiency, constant
frequency, current regulating boost converter.
The device includes a switch and an internally
compensated loop for the regulation of the LED current.
Operation can be best understood by examining the block
diagram. The RSET pin is regulated at 100 mV and the
current through the external resistor will set the regulated
current in the LEDs (from 5 mA to 40 mA) with a
multiplication factor of 225.
While maintaining LED current regulation, the W-52
automatically adjusts the LED pin voltage to be as low as
possible. A low LED pin voltage ensures high efficiency.
Current through the internal power switch is continuously
monitored cycle by cycle. If the current limit is exceeded,
the switch is immediately turned off, protecting the device,
for the remainder of the cycle.
PWM dimming operation can be achieved by switching
the SHDN pin or by pulling the RSET pin higher than 0.1 V.
Block Diagram
Figure 14. W-52 Block Diagram
Current
Sense
Amp
W-52
PWM
& Logic
Current
Control
1.2 MHz
Oscillator
100 mV
GND
RSET
SW
LED
Over Voltage
Protection
(22 V)
225x
C1
6
3
4
2
1
5
VIN
VIN
SHDN
C2
D1
+
+
ILED = 225 x IS
L1
RSET
IS
ILED


同様の部品番号 - W-52

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
Low Noise Regulated
More results

同様の説明 - W-52

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com