データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-5200-5 データシート(PDF) 7 Page - Copal Electronics

部品番号 W-5200-5
部品情報  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200-5 データシート(HTML) 7 Page - Copal Electronics

Back Button W-5200-5 Datasheet HTML 3Page - Copal Electronics W-5200-5 Datasheet HTML 4Page - Copal Electronics W-5200-5 Datasheet HTML 5Page - Copal Electronics W-5200-5 Datasheet HTML 6Page - Copal Electronics W-5200-5 Datasheet HTML 7Page - Copal Electronics W-5200-5 Datasheet HTML 8Page - Copal Electronics W-5200-5 Datasheet HTML 9Page - Copal Electronics W-5200-5 Datasheet HTML 10Page - Copal Electronics W-5200-5 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
W-5200 5
7
Device Operation
The
use a switched capacitor charge pump to
boost the voltage at IN to a regulated output voltage.
Regulation is achieved by sensing the output
through an internal resistor divider (
and
modulating the charge pump output current based on the
error signal. A 2 phase non overlapping clock activates the
charge pump switches. The flying capacitor is charged from
the IN voltage on the first phase of the clock. On the second
phase of the clock it is stacked in series with the input voltage
and connected to OUT. The charging and discharging the
flying capacitor continues at a free running frequency of
typically 2 MHz.
In shutdown mode all circuitry is turned off and the
5 draw only leakage current from the VIN
supply. OUT is disconnected from IN. The SHDN pin is a
CMOS input with a threshold voltage of approximately
0.8 V. The
is in shutdown when a logic LOW is
applied to the SHDN pin. The SHDN pin is a high
impedance CMOS input. SHDN does not have an
internal pull down resistor and should not be allowed to
float and. It must always be driven with a valid logic level.
Short Circuit and Thermal Protection
The
have
short circuit current
limiting and over temperature protection. During overload
conditions, output current is limited to approximately 225
mA. At higher temperatures, or if the input voltage is high
enough to cause excessive chip self heating, the thermal
shutdown circuit shuts down the charge pump as the
junction temperature exceeds approximately 160 C. Once
the junction temperature drops back to approximately
140 C, the charge pump is enabled.
The
will cycle in and out of thermal shutdown
indefinitely
without
latch u p
or
damage
until
a
short circuit on OUT is removed.


同様の部品番号 - W-5200-5

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
   CMOS White LED Driver
More results

同様の説明 - W-5200-5

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
   Regulated Output with Low Ripple Noise
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
   Regulated Output and Low Ripple and Low Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com