データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-5200-5 データシート(PDF) 10 Page - Copal Electronics

部品番号 W-5200-5
部品情報  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200-5 データシート(HTML) 10 Page - Copal Electronics

Back Button W-5200-5 Datasheet HTML 3Page - Copal Electronics W-5200-5 Datasheet HTML 4Page - Copal Electronics W-5200-5 Datasheet HTML 5Page - Copal Electronics W-5200-5 Datasheet HTML 6Page - Copal Electronics W-5200-5 Datasheet HTML 7Page - Copal Electronics W-5200-5 Datasheet HTML 8Page - Copal Electronics W-5200-5 Datasheet HTML 9Page - Copal Electronics W-5200-5 Datasheet HTML 10Page - Copal Electronics W-5200-5 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
W-5200 5
10
PACKAGE DIMENSIONS
TSOT 23, 6 LEAD
CASE 419AF 01
ISSUE O
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
W
E
I
V
D
N
E
W
E
I
V
E
D
I
S
L1
L
L2
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-193.
SYMBOL
MIN
NOM
MAX
A
A1
A2
b
c
D
E
E1
e
L
L1
L2
0.01
0.80
0.30
0.12
0.30
0.05
0.87
0.15
2.90 BSC
2.80 BSC
1.60 BSC
0.95 TYP
0.40
0.60 REF
0.25 BSC
1.00
0.10
0.90
0.45
0.20
0.50


同様の部品番号 - W-5200-5

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
   CMOS White LED Driver
More results

同様の説明 - W-5200-5

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
   Regulated Output with Low Ripple Noise
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
   Regulated Output and Low Ripple and Low Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com