データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-5200-5 データシート(PDF) 11 Page - Copal Electronics

部品番号 W-5200-5
部品情報  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200-5 データシート(HTML) 11 Page - Copal Electronics

Back Button W-5200-5 Datasheet HTML 3Page - Copal Electronics W-5200-5 Datasheet HTML 4Page - Copal Electronics W-5200-5 Datasheet HTML 5Page - Copal Electronics W-5200-5 Datasheet HTML 6Page - Copal Electronics W-5200-5 Datasheet HTML 7Page - Copal Electronics W-5200-5 Datasheet HTML 8Page - Copal Electronics W-5200-5 Datasheet HTML 9Page - Copal Electronics W-5200-5 Datasheet HTML 10Page - Copal Electronics W-5200-5 Datasheet HTML 11Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
W-5200 5
Example of Ordering Information (Note 5)
Prefix
Device #
Suffix
Company ID
W
-
5200
TD
Product Number
5200
I
3
T
G
Package
I = Industrial ( 40 C to +85 C)
Temperature Range
TD: TSOT 23
Z: MSOP
Lead Finish
G: NiPdAu
T: Tape & Reel
3: 3,000 Units / Reel
Tape & Reel
(Optional)
3. All packages are RoHS compliant (Lead free, Halogen free).
4. The standard lead finish is NiPdAu.
5. The device used in the above example is a W-5200TDI GT3 (TSOT 23, Industrial Temperature, NiPdAu, Tape & Reel, 3,000/Reel).
W-5200/
NIDEC COPAL reserves the right to make changes without further notice to any products herein.
NIDEC COPAL makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does NIDEC COPAL assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in NIDEC COPAL data sheets and/or specifications can and do vary in different applications and actual performance may vary over time.
NIDEC COPAL does not convey any license under its patent rights nor the rights of others.
NIDEC COPAL products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to
support or sustain life, or for any other application in which the failure of the NIDEC COPAL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use NIDEC COPAL products for any such unintended or unauthorized application, Buyer shall indemnify and hold NIDEC COPAL and its officers,
employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that NIDEC COPAL was negligent regarding the design or
manufacture of the part.


同様の部品番号 - W-5200-5

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
   CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
   CMOS White LED Driver
More results

同様の説明 - W-5200-5

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
   Regulated Output with Low Ripple Noise
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
   Regulated Output and Low Ripple and Low Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com