データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W-6237TD-T データシート(PDF) 1 Page - Copal Electronics

部品番号 W-6237TD-T
部品情報  High Voltage CMOS Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6237TD-T データシート(HTML) 1 Page - Copal Electronics

  W-6237TD-T Datasheet HTML 1Page - Copal Electronics W-6237TD-T Datasheet HTML 2Page - Copal Electronics W-6237TD-T Datasheet HTML 3Page - Copal Electronics W-6237TD-T Datasheet HTML 4Page - Copal Electronics W-6237TD-T Datasheet HTML 5Page - Copal Electronics W-6237TD-T Datasheet HTML 6Page - Copal Electronics W-6237TD-T Datasheet HTML 7Page - Copal Electronics W-6237TD-T Datasheet HTML 8Page - Copal Electronics W-6237TD-T Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NIDEC COPAL ELECTRONICS CORP.
, 201
Rev.
1
Publication Order Number:
W-6237/
W-6237
High Voltage CMOS Boost
White LED Driver
Description
The W-6237 is a DC/DC
converter that delivers an
e constant
ideal for driving LEDs. Operation at a
constant switching
of 1 MHz allows the device to be
with small
external ceramic capacitors and
r. LEDs
connected in series are driven with a
set
the
external resistor R1. LED
s
A can be s
r
a w
s
s from 2.8 V to 5.5 V, making the
device ideal for batter
powered applications. The W-6237
high voltage
stage is perfect for driving six, seven or eight
white
t
applications.
LED
r
a
width
(PWM) signal. The
pin
allows the device to be placed in power down mode with “zero”
t
In addition to thermal protection and overload
limiting, the
device also enters a
low power operating mode
“Open
LED”
conditions. The device is
in a low profile (1 mm
max height) 5 lead thin SOT23 package for space critical
applications.
Features
Drives 6 to 8 White LEDs in Series from 3 V
Up to 87% Ef
Lo
iescent Gro
d C
ent .6 mA
High Fre
enc
z Operation
High Voltage Power Switch
Sh tdown
rrent Less than 1 A
Open LED Low Power Mode
Thin SOT23 5 lead (1 mm Max Height)
These Devices are Pb Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Color LCD and Ke
ad Backlighting
Cell lar Phones
Handheld Devices
Digital Cameras
PDAs
Portable Game Machine
TSOT 23
PIN CONNECTIONS
UDYM
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
(Note 1)
TSOT 23
(Pb Free)
3,000/
Tape & Reel
Y = Production Year (Last Digit)
M = Production Month (1 9, A, B, C or O, N, D)
1
5
(Top View)
VIN
SHDN
SW
FB
1
1. NiPdAu Plated Finish (RoHS compliant)


同様の部品番号 - W-6237TD-T

メーカー部品番号データシート部品情報
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
W-6238TD-GT3 COPAL-W-6238TD-GT3 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
More results

同様の説明 - W-6237TD-T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com