データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JZM データシート(PDF) 2 Page - Illinois Capacitor, Inc.

部品番号 JZM
部品情報  Very Low ESR - High Frequency ??High Ripple Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
ホームページ  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

JZM データシート(HTML) 2 Page - Illinois Capacitor, Inc.

  JZM Datasheet HTML 1Page - Illinois Capacitor, Inc. JZM Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JZM
+105°C, Very low ESR 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR
Ω
120Hz,
+25°C
Maximum
ESR Ω
100kHz
+25°C
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
470
16
477JZM016M
0.564
0.036
1100
8x11.5
470
25
477JZM025M
0.564
0.019
2030
10x16
680
10
687JZM010M
0.463
0.036
1200
8x14
680
16
687JZM016M
0.39
0.028
1530
8x16
680
16
687JZM016MLN
0.39
0.028
1530
10x12.5
820
6.3
827JZM6R3M
0.445
0.036
1160
8x11.5
1000
10
108JZM010M
0.315
0.028
1540
8x16
1000
10
108JZM010MLN
0.315
0.028
1570
10x12.5
1000
16
108JZM016M
0.265
0.019
2050
8x20
1000
16
108JZM016MLJ
0.265
0.019
2060
10x16
1200
6.3
128JZM6R3M
0.304
0.028
1630
8x16
1500
6.3
158JZM6R3M
0.265
0.02
1640
10x12.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR
Ω
120Hz,
+25°C
Maximum
ESR Ω
100kHz
+25°C
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
1500
10
158JZM010M
0.232
0.019
1990
8x20
1500
10
158JZM010MLQ
0.232
0.019
2040
10x16
1500
16
158JZM016M
0.232
0.013
2640
10x20
1800
6.3
188JZM6R3M
0.221
0.018
1990
10x16
1800
10
188JZM010M
0.193
0.013
2470
10x20
1800
16
188JZM016M
0.166
0.012
3080
10x23
2200
6.3
228JZM6R3M
0.196
0.015
2350
10x20
2200
10
228JZM010M
0.173
0.012
2780
10x23
3300
6.3
338JZM6R3M
0.141
0.012
2890
10x23
3900
6.3
398JZM6R3M
0.119
0.012
3230
10x26
4700
6.3
478JZM6R3M
0.106
0.014
3810
12.5x26


同様の説明 - JZM

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
Low ESR, High Ripple Current
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
logo
Cornell Dubilier Electr...
HZA CDE-HZA Datasheet
777Kb / 7P
Very Low ESR and High Ripple Current
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com