| データシートサーチシステム |
|
UCS81003 データシート(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS81003 データシート(HTML) 106 Page - Microchip Technology |
|
106 / 108 page ![]() UCS81003 DS20005334A-page 106 2014 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: UCS81003AM: Automotive USB Port Power Controller with Charger Emulation Tape and Reel Option: Blank = Standard packaging (tube or tray) R = Tape and Reel(1) Package: C1A = Very Thin Plastic Quad Flat, No Lead Package – 5x5 mm Body with Rectangular Exposed Pad, 28-Lead (VQFN) Examples: a) UCS81003AM-C1A: 28-pin, 5x5 VQFN Lead- Free ROHS Compliant Package. b) UCS81003AMR-C1A: Tape and Reel, 28-pin, 5x5 VQFN Lead- Free ROHS Compliant Package. PART NO. Device -XXX Package [X](1) Tape and Reel Note 1: Tape and Reel identifier only appears in the catalog part number description. This identi- fier is used for ordering purposes and is not printed on the device package. Check with your Microchip sales office for package availability for the Tape and Reel option. |