データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PEC12R-2015F-N0012 データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 PEC12R-2015F-N0012
部品情報  12 mm Incremental Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC12R-2015F-N0012 データシート(HTML) 2 Page - Bourns Electronic Solutions

  PEC12R-2015F-N0012 Datasheet HTML 1Page - Bourns Electronic Solutions PEC12R-2015F-N0012 Datasheet HTML 2Page - Bourns Electronic Solutions PEC12R-2015F-N0012 Datasheet HTML 3Page - Bourns Electronic Solutions PEC12R-2015F-N0012 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312-2mmSMDTrimmingPotentiometer
PEC12R-2xxxF-Sxxxx (Vertical Mount - Radial PC Pin/No Bushing, Push Momentary Switch)
PEC12R-2xxxF-Nxxxx (Vertical Mount - Radial PC Pin/No Bushing, No Switch)
L
F
5.0
(.197)
5.0
(.197)
4.5+0/-0.1
(.177+0/-.004)
4.1
(.160)
MOUNTING
SURFACE
2.4
(.094)
6.0
(.236)
DIA.
DIA.
7.0
(.276)
C
0.5
(.020)
10.0
(.394)
3.5
(.138)
1.9
(.075)
2.5
(.098)
0.8
(.031)
12.5
(.492)
13.4
(.528)
5.0
(.197)
10.2
(.402)
B
C
A
C
B
A CHANNELA
COMMON
CHANNELB
0.8
(.032)
10.8
(.425)
2.5
(.098)
2PLCS.
2.1+0.2/-0
(.083+.008/-0)
2PLCS.
2.0+0.2/-0
(.079+.008/-0)
1.0+0.1/-0
(.039+.004/-0)
DIA.3PLCS.
C
B
A
5.0
(.197)
L
F
6.0
(.236)
5.0
(.197)
4.5+0/-0.1
(.177+0/-.004)
5.1
(.201)
MOUNTING
SURFACE
2.4
(.094)
6.0
(.236)
DIA.
DIA.
7.0
(.276)
C
SWITCH
TRAVEL
0.5
(.020)
10.0
(.394)
3.5
(.138)
1.9
(.075)
3.5
(.138)
0.8
(.031)
0.5
(.020)
12.5
(.492)
13.4
(.528)
5.0
(.197)
10.2
(.402)
B
C
A
C
B
A CHANNELA
COMMON
CHANNELB
0.8
(.032)
10.8
(.425)
2.5
(.098)
3.5
(.138)
2PLCS.
2.1+0.2/-0
(.083+.008/-0)
2PLCS.
2.0+0.2/-0
(.079+.008/-0)
1.0+0.1/-0
(.039+.004/-0)
DIA.5PLCS.
C
B
A
2
1
5.0
(.197)
PEC12R-12mmIncrementalEncoder
Product Dimensions
Applications
Levelcontrol,tuningandtimersettingsin:
n
Audio-visualequipment
n
Consumerelectricappliances
n
Musicalinstrumentation
n
Communicationsequipment
L
17.5
(.688)
20.0
(.787)
22.5
(.886)
25.0
(.984)
30.0
(1.181)
F
5.0
(.197)
7.0
(.276)
7.0
(.276)
12.0
(.472)
12.0
(.472)
DIMENSIONS:
MM
(INCHES)
TOLERANCE:
<10
(<.400)
= ±0.3
(±.012)
≥10
(≥.400)
= ±0.5
(±.020)
Suggested Filter Circuit
Switch Circuit
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12


同様の部品番号 - PEC12R-2015F-N0012

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
PEC12R-2015F-N0012 BOURNS-PEC12R-2015F-N0012 Datasheet
371Kb / 4P
   12 mm Incremental Encoder
More results

同様の説明 - PEC12R-2015F-N0012

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11 BOURNS-PEC11 Datasheet
513Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com