| データシートサーチシステム |
|
STM8AL3148 データシート(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3148 データシート(HTML) 109 Page - STMicroelectronics |
|
109 / 124 page ![]() DocID18474 Rev 7 109/124 STM8AL313x/4x/6x STM8AL3L4x/6x Package information 123 10 Package information 10.1 ECOPACK In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 10.2 LQFP48 package information Figure 41. LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package outline 1. Drawing is not to scale. |