データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AL3168 データシート(PDF) 112 Page - STMicroelectronics

部品番号 STM8AL3168
部品情報  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3168 データシート(HTML) 112 Page - STMicroelectronics

Back Button STM8AL3168 Datasheet HTML 108Page - STMicroelectronics STM8AL3168 Datasheet HTML 109Page - STMicroelectronics STM8AL3168 Datasheet HTML 110Page - STMicroelectronics STM8AL3168 Datasheet HTML 111Page - STMicroelectronics STM8AL3168 Datasheet HTML 112Page - STMicroelectronics STM8AL3168 Datasheet HTML 113Page - STMicroelectronics STM8AL3168 Datasheet HTML 114Page - STMicroelectronics STM8AL3168 Datasheet HTML 115Page - STMicroelectronics STM8AL3168 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
Package information
STM8AL313x/4x/6x STM8AL3L4x/6x
112/124
DocID18474 Rev 7
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s quality department must be contacted to run a qualification activity prior to any decision to
use these engineering samples.
10.3
LQFP32 package information
Figure 44. LQFP32 - 32-pin, 7 x 7 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More