データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8AL3L46 データシート(PDF) 115 Page - STMicroelectronics

部品番号 STM8AL3L46
部品情報  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L46 データシート(HTML) 115 Page - STMicroelectronics

Back Button STM8AL3L46 Datasheet HTML 111Page - STMicroelectronics STM8AL3L46 Datasheet HTML 112Page - STMicroelectronics STM8AL3L46 Datasheet HTML 113Page - STMicroelectronics STM8AL3L46 Datasheet HTML 114Page - STMicroelectronics STM8AL3L46 Datasheet HTML 115Page - STMicroelectronics STM8AL3L46 Datasheet HTML 116Page - STMicroelectronics STM8AL3L46 Datasheet HTML 117Page - STMicroelectronics STM8AL3L46 Datasheet HTML 118Page - STMicroelectronics STM8AL3L46 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
DocID18474 Rev 7
115/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Package information
123
10.4
VFQFPN32 package information
Figure 47. VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very thin profile fine pitch quad
flat package outline
1. Drawing is not to scale.
2. There is an exposed die pad on the underside of the VQFPN package. It is recommended to connect and
solder this backside pad to the PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More