データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QSG-3200 データシート(PDF) 2 Page - Holt Integrated Circuits

部品番号 QSG-3200
部品情報  Management Engine Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTIC [Holt Integrated Circuits]
ホームページ  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

QSG-3200 データシート(HTML) 2 Page - Holt Integrated Circuits

  QSG-3200 Datasheet HTML 1Page - Holt Integrated Circuits QSG-3200 Datasheet HTML 2Page - Holt Integrated Circuits QSG-3200 Datasheet HTML 3Page - Holt Integrated Circuits QSG-3200 Datasheet HTML 4Page - Holt Integrated Circuits QSG-3200 Datasheet HTML 5Page - Holt Integrated Circuits QSG-3200 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QSG - 3200
HOLT INTEGRATED CIRCUITS
2
Initial Board Set up
1.
Connect a +3.3V power supply to TP1 and ground to TP6. The HI-3200 uses +3.3V.
Connect +5.0V to TP2, the HI-3110 used to transfer CAN frames, uses +5.0V. The HI-8596s
on the daughter card used to generate ARINC bipolar differential signals only require a +3.3V
supply.
2.
Connect the RS-232 cable to the board and the PC Serial (COM) port. Some features are
only available using commands from the console. To view ARINC 429/825 messages, and
control registers, a terminal program such as Hyper-Terminal may be used. Configure the
communication for 115200 Baud, 8 bits, No Parity, No handshaking.
3.
To evaluate Example 5 described in the HI-3200 data sheet a connection between TX0 (J1-
1,2) and RX0 (J2 – 2,1) must be made on the HI-3200 daughter card.
4.
A user provided PE Micro “USB Multilink Interface” debug cable must be connected when
using Freescale “Code Warrior” for project software changes, program debugging and MCU
reprogramming. The USB Debug connector is used for downloading code to the board from
the Freescale IDE and is not required for a standalone demo.
5.
HI-3200 daughter card default jumper settings:
JP1 – closed
SW1-1,2,3 open
+5.0V
+3.3V
GND


同様の部品番号 - QSG-3200

メーカー部品番号データシート部品情報
logo
Holt Integrated Circuit...
QSG-3593 HOLTIC-QSG-3593 Datasheet
1Mb / 9P
   HI??593 ARINC 429 3.3V Dual Receiver
More results

同様の説明 - QSG-3200

メーカー部品番号データシート部品情報
logo
Holt Integrated Circuit...
AN-165 HOLTIC-AN-165 Datasheet
1Mb / 17P
   Management Engine Evaluation Board
logo
Monolithic Power System...
EV5416-R-00B MPS-EV5416-R-00B Datasheet
511Kb / 7P
   5V Power Management IC Evaluation Board
logo
Holt Integrated Circuit...
HI-3200 HOLTIC-HI-3200 Datasheet
220Kb / 59P
   AVIONICS DATA MANAGEMENT ENGINE
HI-3200 HOLTIC-HI-3200_16 Datasheet
227Kb / 60P
   AVIONICS DATA MANAGEMENT ENGINE
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
logo
Holt Integrated Circuit...
HI-3210 HOLTIC-HI-3210_16 Datasheet
173Kb / 45P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210_13 Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
logo
STMicroelectronics
AN4092 STMICROELECTRONICS-AN4092 Datasheet
663Kb / 38P
   Low to mid range engine management
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
   Engine management IC for Small Engines
Rev 1.0, 2012-10-01
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com