データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLUX285A データシート(PDF) 122 Page - STMicroelectronics

部品番号 STLUX285A
部品情報  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A データシート(HTML) 122 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 118Page - STMicroelectronics STLUX285A Datasheet HTML 119Page - STMicroelectronics STLUX285A Datasheet HTML 120Page - STMicroelectronics STLUX285A Datasheet HTML 121Page - STMicroelectronics STLUX285A Datasheet HTML 122Page - STMicroelectronics STLUX285A Datasheet HTML 123Page - STMicroelectronics STLUX285A Datasheet HTML 124Page - STMicroelectronics STLUX285A Datasheet HTML 125Page - STMicroelectronics STLUX285A Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
Package information
STLUX
122/126
DocID027870 Rev 1
14.3
TSSOP28 package information
Figure 38. TSSOP28 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More