| データシートサーチシステム |
|
STM32F401CC データシート(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CC データシート(HTML) 105 Page - STMicroelectronics |
|
105 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 105/135 DocID024738 Rev 6 tlat(2) Injection trigger conversion latency fADC = 30 MHz - - 0.100 µs -- 3(5) 1/fADC tlatr(2) Regular trigger conversion latency fADC = 30 MHz - - 0.067 µs -- 2(5) 1/fADC tS(2) Sampling time fADC = 30 MHz 0.100 - 16 µs 3 - 480 1/fADC tSTAB(2) Power-up time - 2 3 µs tCONV(2) Total conversion time (including sampling time) fADC = 30 MHz 12-bit resolution 0.50 - 16.40 µs fADC = 30 MHz 10-bit resolution 0.43 - 16.34 µs fADC = 30 MHz 8-bit resolution 0.37 - 16.27 µs fADC = 30 MHz 6-bit resolution 0.30 - 16.20 µs 9 to 492 (tS for sampling +n-bit resolution for successive approximation) 1/fADC fS(2) Sampling rate (fADC = 30 MHz, and tS = 3 ADC cycles) 12-bit resolution Single ADC - - 2 Msps 12-bit resolution Interleave Dual ADC mode - - 3.75 Msps 12-bit resolution Interleave Triple ADC mode - - 6 Msps IVREF+(2) ADC VREF DC current consumption in conversion mode - 300 500 µA IVDDA(2) ADC VDDA DC current consumption in conversion mode -1.6 1.8 mA 1. VDDA minimum value of 1.7 V is possible with the use of an external power supply supervisor (refer to Section 3.14.2: Internal reset OFF). 2. Guaranteed by characterization. 3. VREF+ is internally connected to VDDA and VREF- is internally connected to VSSA. 4. RADC maximum value is given for VDD=1.7 V, and minimum value for VDD=3.3 V. 5. For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 66. Table 66. ADC characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |