データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L475VG データシート(PDF) 192 Page - STMicroelectronics

部品番号 STM32L475VG
部品情報  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VG データシート(HTML) 192 Page - STMicroelectronics

Back Button STM32L475VG Datasheet HTML 185Page - STMicroelectronics STM32L475VG Datasheet HTML 186Page - STMicroelectronics STM32L475VG Datasheet HTML 187Page - STMicroelectronics STM32L475VG Datasheet HTML 188Page - STMicroelectronics STM32L475VG Datasheet HTML 189Page - STMicroelectronics STM32L475VG Datasheet HTML 190Page - STMicroelectronics STM32L475VG Datasheet HTML 191Page - STMicroelectronics STM32L475VG Datasheet HTML 192Page - STMicroelectronics STM32L475VG Datasheet HTML 193Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 192 / 193 page
background image
Revision history
STM32L475xx
192/193
DocID027692 Rev 2
9
Revision history
Table 100. Document revision history
Date
Revision
Changes
05-Feb-2016
1
Initial release.
03-Mar-2016
2
Removed NAND from supported memories on cover
page.
Added ADC 3 impacting:
Cover page
Section 2: Description.
Table 2: STM32L475xx family device features and
peripheral counts.
Table 5: Functionalities depending on the working
mode.
Section 3.15.1: Temperature sensor.
Section 3.15.3: VBAT battery voltage monitoring.
Table 15: STM32L475xx pin definitions.
Section 2: Description.
Updated Section 3.26: Universal
synchronous/asynchronous receiver transmitter
(USART).
Updated Section 3.27: Low-power universal
asynchronous receiver transmitter (LPUART).
Added Table 43: Wakeup time using USART/LPUART.
Updated Table 54: EMS characteristics.
Updated Table 55: EMI characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More