データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSA-1V データシート(PDF) 1 Page - Melexis Microelectronic Systems

部品番号 CSA-1V
部品情報  IMC-Hall짰 Current Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

CSA-1V データシート(HTML) 1 Page - Melexis Microelectronic Systems

  CSA-1V Datasheet HTML 1Page - Melexis Microelectronic Systems CSA-1V Datasheet HTML 2Page - Melexis Microelectronic Systems CSA-1V Datasheet HTML 3Page - Melexis Microelectronic Systems CSA-1V Datasheet HTML 4Page - Melexis Microelectronic Systems CSA-1V Datasheet HTML 5Page - Melexis Microelectronic Systems CSA-1V Datasheet HTML 6Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CSA-1V
Preliminary
Rev. 005 June 2013
Sentron AG, a Melexis Company
 www.melexis.com  sales_europe@melexis.com
for North America: GMW Associates
 Tel: +1 (650) 802-8292  Fax: +1 (650) 802-8298  sales@gmw.com
Page 1 of 6
CSA-1V
IMC-Hall
® Current Sensor
Features:
IMC-Hall
®
technology - Very high
sensitivity due to integrated magnetic
concentrator
Sensitive to a magnetic field parallel to
the chip surface
Linear output voltage proportional to a
magnetic field
Wide-band: DC to 100kHz
Very low offset and offset-drift
Very low noise
Isolated from current conductor
Surface mount SOIC-8 package
Applications:
AC and/or DC current measurement
Wide-Band Magnetic Field
Measurement
Battery Chargers
AC-DC Converters
Motor Control
General Description
The CSA-1V is a single-axis integrated magnetic field sensor based on the Hall effect. It produces a
linear, ratio-metric output voltage proportional to the applied magnetic field parallel with the chip
surface. The circuit is fabricated using a standard CMOS process. The additional ferromagnetic layer
(IMC-Hall
®
) that is added in a simple post-processing step, amplifies the magnetic field and
concentrates it on the Hall elements. Therefore the circuit features very high magnetic sensitivity, low
offset, and low noise. The CSA-1V is packaged in a standard SOIC-8 full plastic package and suitable
for up to 600V isolation voltage between the sensor and a conductor on PCB.
Please find the latest version of this datasheet and related information such as application notes on
our website http://www.melexis.com/Hall-Effect-Sensor-ICs
Package:
SOIC-8
Pin Out:
Note 1: Used for factory programming
B
1 A_OUT, analog sensor output
2 VDD pos. supply voltage
3 Not connected
4 PV, programming voltage
1)
5 GND, supply common
6 PD, programming data
1)
7 PC, programming clock
1)
8 CO_OUT, common output


同様の部品番号 - CSA-1V

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CSA-1V ETC2-CSA-1V Datasheet
304Kb / 5P
   Current Sensor
More results

同様の説明 - CSA-1V

メーカー部品番号データシート部品情報
logo
Melexis Microelectronic...
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
MLX91206 MELEXIS-MLX91206 Datasheet
883Kb / 25P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com