データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F413XG データシート(PDF) 188 Page - STMicroelectronics

部品番号 STM32F413XG
部品情報  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413XG データシート(HTML) 188 Page - STMicroelectronics

Back Button STM32F413XG Datasheet HTML 184Page - STMicroelectronics STM32F413XG Datasheet HTML 185Page - STMicroelectronics STM32F413XG Datasheet HTML 186Page - STMicroelectronics STM32F413XG Datasheet HTML 187Page - STMicroelectronics STM32F413XG Datasheet HTML 188Page - STMicroelectronics STM32F413XG Datasheet HTML 189Page - STMicroelectronics STM32F413XG Datasheet HTML 190Page - STMicroelectronics STM32F413XG Datasheet HTML 191Page - STMicroelectronics STM32F413XG Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 207 page
background image
Package information
STM32F413xG/H
188/207
DocID029162 Rev 2
Device marking for LQFP100
The following figure gives an example of topside marking and pin 1 position identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 74. LQFP100 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
Samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More