データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F413CG データシート(PDF) 201 Page - STMicroelectronics

部品番号 STM32F413CG
部品情報  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CG データシート(HTML) 201 Page - STMicroelectronics

Back Button STM32F413CG Datasheet HTML 197Page - STMicroelectronics STM32F413CG Datasheet HTML 198Page - STMicroelectronics STM32F413CG Datasheet HTML 199Page - STMicroelectronics STM32F413CG Datasheet HTML 200Page - STMicroelectronics STM32F413CG Datasheet HTML 201Page - STMicroelectronics STM32F413CG Datasheet HTML 202Page - STMicroelectronics STM32F413CG Datasheet HTML 203Page - STMicroelectronics STM32F413CG Datasheet HTML 204Page - STMicroelectronics STM32F413CG Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 207 page
background image
DocID029162 Rev 2
201/207
STM32F413xG/H
Recommendations when using the internal reset OFF
205
Appendix A
Recommendations when using the internal
reset OFF
When the internal reset is OFF, the following integrated features are no longer supported:
The integrated power-on-reset (POR)/power-down reset (PDR) circuitry is disabled.
The brownout reset (BOR) circuitry must be disabled. By default BOR is OFF.
The embedded programmable voltage detector (PVD) is disabled.
VBAT functionality is no more available and VBAT pin should be connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More