データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMX3N データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 UMX3N
部品情報  DUAL TRANSISTOR (NPNNPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMX3N データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMX3N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMX3N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMX3N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMX3N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-363 Plastic-Encapsulate Transistors
UMX3N
FEATURES
Two 2SC2412K chips in a package
MAKING: X3
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=-2mA,f=100MHz
180
MHz
Collector output capacitance
Cob
VCB=12V,IE=0,f=1MHz
2.0
3.5
pF
JC T
SOT-363
DUAL TRANSISTOR (NPN+NPN)
www.cj-elec.com
1
E,Mar,2016
www.cj-elec.com


同様の部品番号 - UMX3N

メーカー部品番号データシート部品情報
logo
Rohm
UMX3N ROHM-UMX3N Datasheet
68Kb / 3P
   General purpose (dual transistors)
UMX3N ROHM-UMX3N Datasheet
46Kb / 3P
   General purpose (dual transistors)
UMX3N ROHM-UMX3N Datasheet
110Kb / 4P
   General purpose (dual transistors)
UMX3N ROHM-UMX3N Datasheet
110Kb / 4P
   General purpose (dual transistors)
logo
Micro Commercial Compon...
UMX3N MCC-UMX3N Datasheet
421Kb / 3P
   Dual Transistors
More results

同様の説明 - UMX3N

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
BC846S JIANGSU-BC846S Datasheet
2Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com