データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMX18N データシート(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

部品番号 UMX18N
部品情報  DUAL TRANSISTOR (NPNNPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
ホームページ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMX18N データシート(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMX18N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMX18N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMX18N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-363 Plastic-Encapsulate Transistors
UMX18N
FEATURES
Two 2SC5585 chips in a package
Mounting possible with SOT-363 automatic mounting machines
Transistor elements are independent, eliminating interference
Mounting cost and area be cut in half
Marking: X18
Absolute maximum ratings (Ta=25
℃)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
15
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
500
mA
PC
Collector Power Dissipation
150
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10μA, IE=0
15
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
12
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=15V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=6V, IC=0
0.1
μA
DC current gain
hFE
VCE=2V, IC=10mA
270
680
Collector-emitter saturation voltage
VCE(sat)
IC=200mA, IB=10mA
0.25
V
Transition frequency
fT
VCE=2V, IE=-10mA, f=100MHz
320
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
7.5
pF
JC T
SOT-363
DUAL TRANSISTOR (NPN+NPN)
www.cj-elec.com
1
www.cj-elec.com
D,Mar,2016


同様の部品番号 - UMX18N

メーカー部品番号データシート部品情報
logo
Rohm
UMX18N ROHM-UMX18N Datasheet
38Kb / 3P
   General purpose transistors (dual transistors)
UMX18N ROHM-UMX18N Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
SeCoS Halbleitertechnol...
UMX18N SECOS-UMX18N Datasheet
471Kb / 2P
   General Purpose Transistors (dual transistors)
logo
Micro Commercial Compon...
UMX18N MCC-UMX18N Datasheet
366Kb / 3P
   Dual Transistors
logo
SeCoS Halbleitertechnol...
UMX18N SECOS-UMX18N_15 Datasheet
465Kb / 2P
   Plastic-Encapsulated General Purpose Transistors
More results

同様の説明 - UMX18N

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
BC846S JIANGSU-BC846S Datasheet
2Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com