データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT-G データシート(PDF) 5 Page - Cree, Inc

部品番号 MT-G
部品情報  XLamp EasyWhite LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

MT-G データシート(HTML) 5 Page - Cree, Inc

  MT-G Datasheet HTML 1Page - Cree, Inc MT-G Datasheet HTML 2Page - Cree, Inc MT-G Datasheet HTML 3Page - Cree, Inc MT-G Datasheet HTML 4Page - Cree, Inc MT-G Datasheet HTML 5Page - Cree, Inc MT-G Datasheet HTML 6Page - Cree, Inc MT-G Datasheet HTML 7Page - Cree, Inc MT-G Datasheet HTML 8Page - Cree, Inc MT-G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® mT-G EasyWhiTE® LED
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 14).
Minimum CRI for Standard color temperatures 27F, 27H, 30F, 30H is 80.
Minimum CRI for Standard color temperatures 35F, 35H, 40F, 40H is 77.
Minimum CRI for Standard color temperature 50F, 50H is 75.
Typical CRI for Standard color temperatures 35F, 35H, 40F, 40H is 80.
Minimum CRI for 85 CRI Minimum is 85.
Minimum CRI for 90 CRI Minimum is 90.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChArACTErisTiCs, EAsyWhiTE® Order COdes and Bins - 36 V (i
F = 185 mA, Tj = 85 °C)
The following table provide order codes for 36-volt XLamp MT-G easyWhite LeDs. For a complete description of the order code
nomenclature, please reference page 12 of this document.
Color
CCT
range
Minimum Luminous Flux
@ 185 ma
2-step
4-step
Group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
Chromaticity
region
order Code
Chromaticity
region
order Code
Standard
CRI
5000 K
H0
560
642
50H
MTGEZW‑00‑0000‑0N00H050H
50F
MTGEZW‑00‑0000‑0N00H050F
J0
600
688
MTGEZW‑00‑0000‑0N00J050H
MTGEZW‑00‑0000‑0N00J050F
K0
650
745
MTGEZW‑00‑0000‑0N00K050H
MTGEZW‑00‑0000‑0N00K050F
4000 K
F0
480
550
40H
MTGeZW-00-0000-0N00F040H
40F
MTGeZW-00-0000-0N00F040F
G0
520
596
MTGeZW-00-0000-0N00G040H
MTGeZW-00-0000-0N00G040F
H0
560
642
MTGeZW-00-0000-0N00H040H
MTGeZW-00-0000-0N00H040F
J0
600
688
MTGeZW-00-0000-0N00J040H
MTGeZW-00-0000-0N00J040F
3500 K
e0
440
504
35H
MTGEZW‑00‑0000‑0N00E035H
35F
MTGEZW‑00‑0000‑0N00E035F
F0
480
550
MTGEZW‑00‑0000‑0N00F035H
MTGEZW‑00‑0000‑0N00F035F
G0
520
596
MTGEZW‑00‑0000‑0N00G035H
MTGEZW‑00‑0000‑0N00G035F
H0
560
642
MTGEZW‑00‑0000‑0N00H035H
MTGEZW‑00‑0000‑0N00H035F
3000 K
e0
440
504
30H
MTGeZW-00-0000-0N00e030H
30F
MTGeZW-00-0000-0N00e030F
F0
480
550
MTGeZW-00-0000-0N00F030H
MTGeZW-00-0000-0N00F030F
G0
520
596
MTGeZW-00-0000-0N00G030H
MTGeZW-00-0000-0N00G030F
H0
560
642
MTGeZW-00-0000-0N00H030H
MTGeZW-00-0000-0N00H030F
2700 K
D0
400
458
27H
MTGeZW-00-0000-0N00D027H
27F
MTGeZW-00-0000-0N00D027F
e0
440
504
MTGeZW-00-0000-0N00e027H
MTGeZW-00-0000-0N00e027F
F0
480
550
MTGeZW-00-0000-0N00F027H
MTGeZW-00-0000-0N00F027F
G0
520
596
MTGeZW-00-0000-0N00G027H
MTGeZW-00-0000-0N00G027F
85 CRI
Minimum
3000 K
D0
400
458
30H
MTGeZW-00-0000-0B0PD030H
30F
MTGeZW-00-0000-0B0PD030F
e0
440
504
MTGeZW-00-0000-0B0Pe030H
MTGeZW-00-0000-0B0Pe030F
F0
480
550
MTGeZW-00-0000-0B0PF030H
MTGeZW-00-0000-0B0PF030F
2700 K
D0
400
458
27H
MTGeZW-00-0000-0B0PD027H
27F
MTGeZW-00-0000-0B0PD027F
e0
440
504
MTGeZW-00-0000-0B0Pe027H
MTGeZW-00-0000-0B0Pe027F


同様の部品番号 - MT-G

メーカー部品番号データシート部品情報
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2 Datasheet
87Kb / 2P
   Cree MT-G2 Series on Board
logo
Cree, Inc
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2_15 Datasheet
87Kb / 2P
   Cree EasyWhite color temp from 2700K to 5000K
logo
Allen-Bradley
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
More results

同様の説明 - MT-G

メーカー部品番号データシート部品情報
logo
Cree, Inc
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MP-L CREE-MP-L Datasheet
868Kb / 14P
   Cree짰 XLamp짰 MP-L EasyWhite??LEDs
MTG-EZW CREE-MTG-EZW Datasheet
1Mb / 14P
   Cree짰 XLamp짰 MT-G EasyWhite??LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com