データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMR3001 データシート(PDF) 1 Page - American Electronic Components, inc

部品番号 AMR3001
部品情報  AMR Angle Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEC [American Electronic Components, inc]
ホームページ  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

AMR3001 データシート(HTML) 1 Page - American Electronic Components, inc

  AMR3001 Datasheet HTML 1Page - American Electronic Components, inc AMR3001 Datasheet HTML 2Page - American Electronic Components, inc AMR3001 Datasheet HTML 3Page - American Electronic Components, inc AMR3001 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AMRAngle Sensor
AMR3001
Multidimension Technology co. Ltd.
1 of 4
www.dowaytech.com
MDT AMR3001
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R.China
Ver. A
AMR3001 AMR Angle Sensor
Features and Benefits
Anisotropy of magnetoresistance (AMR) Technology
Compatible with Wide Range of Supply Voltages
Wide Airgap Tolerance
Excellent Thermal Stability
Very Low Hysteresis
Ultrasmall Package
Applications
Rotary Position Sensors
Rotary Encoders
Contactless Potentiometers
Valve Position Sensors
Knob Position Sensors
General Description
The output voltage of the AMR3001 TMR angle sensor is proportional to the sine or cosine of the
angle of a magnetic field applied parallel to the surface of the sensor, which can be provided by a
small magnet positioned above the device. The AMR3001 includes two Wheatstone bridges, which
can be configured to output sine and cosine functions respectively.
Each bridge includes four
TMR sensor elements in a push-pull arrangement to produce a best-in-class peak-to-peak signal as
large as 0.75% of the supply voltage. Additionally, the unique TMR Wheatstone bridge technology
accurately compensates the output against changes in ambient temperature. This sensor is
assembled in an ultra small SOP8 package
Operation
A small magnet, placed above the AMR3001, can be used to provide a magnetic field in any desired
orientation parallel to the plane of the AMR3001 package. The following chart show a typical
sensor output as a function of the angle of the applied magnetic field using a 6 mm diameter, 2.5
mm thick magnet and at 1 V supply.


同様の部品番号 - AMR3001

メーカー部品番号データシート部品情報
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003D MULTIDIMENSION-AMR3003D Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003LG MULTIDIMENSION-AMR3003LG Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3005 MULTIDIMENSION-AMR3005 Datasheet
796Kb / 5P
AMR3005
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results

同様の説明 - AMR3001

メーカー部品番号データシート部品情報
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
AMR3013P AMR Angle Sensor
Ver. 1.2
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
LINEAR AMR SENSOR
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
AMR Sensor with 360째 capability
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
LINEAR AMR SENSOR (5 mm)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com