![]() |
データシートサーチシステム |
|
C052H104K5G5GAT500 データシート(PDF) 1 Page - Kemet Corporation |
|
|
C052H104K5G5GAT500 データシート(HTML) 1 Page - Kemet Corporation |
|
1 / 1 page ![]() Generated 8/09/2016 - 51e99559-06b9-4df7-9ef3-3fb376db2a6e KEMET Part Number: C052H104K5G5GAT500 Capacitor, ceramic, 0.1 uF, +/-10% Tol, 50 V, C0G, Lead Spacing=0.2" H LL S F G S e a ting P la ne L T K Dimensions (mm) Symbol Dimension Tolerance L 4.83 +/-0.25 H 5.97 +/-0.25 T 2.29 +/-0.25 S 5.08 +/-0.38 LL 31.75 MIN F 0.635 +0.102/-0.051 K 4.83 +/-0.25 G 1.14 MAX Packaging Specifications Package Kind: T&R Package Size: 12in Package Quantity: 500 General Information Supplier: KEMET Application: 200C Temperature Coefficient: C0G Body Type: Radial Molded Lead Type: Formed Termination Type: Gold (Au) RoHS: Yes (with exemptions) Specifications Capacitance: 0.1 uF Voltage: 50 V Tolerance: +/-10% Temperature Range: -55/+200C Dissipation Factor: 2.5% Insulation Resistance: 10 GOhm Dielectric Strength: 250 V © 2006-2016 IntelliData.net Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. |
同様の部品番号 - C052H104K5G5GAT500 |
|
同様の説明 - C052H104K5G5GAT500 |
|
|
リンク URL |