| データシートサーチシステム |
|
8468000000 データシート(PDF) 129 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
8468000000 データシート(HTML) 129 Page - List of Unclassifed Manufacturers |
|
129 / 164 page ![]() For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 127 MSS Cable Glands MSK Cable Glands MSBF Cable Glands Brass Cable Glands Characteristics Ingress Protection Temperature Range Integrated strain relief, large sealing and terminal section, easy to assemble, anti-twist protection. IP 68 -4°F to +212°F M 12 x 1.5 M 16 x 1.5 M 20 x 1.5 M 25 x 1.5 M 32 x 1.5 M 40 x 1.5 3 - 6.0 5 - 9.0 9 - 13.0 11 - 16.0 14 - 21.0 19 - 27.0 MSBF 12 MSBF 16 MSBF 20 MSBF 25 MSBF 32 MSBF 40 13002100 00 13002200 00 13002300 00 13002400 00 13002500 00 13002600 00 Connection Thread Cable Ø Model Part Number Metric Characteristics Ingress Protection Temperature Range With clamping cage for strain relief IP 65 -4°F to +212°F 7 9 11 13.5 16 21 29 4 - 6 6 - 8 8 - 10 10 - 12 12 - 14 14 - 18 18 - 24 MSK 7 MSK 9 MSK 11 MSK 13 MSK 16 MSK 21 MSK 29 13050100 00 13050200 00 13050300 00 13050400 00 13050500 00 13050600 00 13050700 00 Cable Ø Connection Thread Model Part Number PG Characteristics Ingress Protection Temperature Range Industrial cable glands in the style of DIN 46320 IP 54 -22°F to +230°F 7 9 11 13.5 16 21 4 - 6 6 - 8 8 - 10 10 - 12 12 - 14 15 - 17 MSS 7 MSS 9 MSS 11 MSS 13 MSS 16 MSS 21 13020100 00 13020200 00 13020300 00 13020400 00 13020500 00 13020600 00 Connection Thread Cable Ø Model Part Number PG |