データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

408-9515 データシート(PDF) 1 Page - Tyco Electronics

部品番号 408-9515
部品情報  Ribbon Cable Notcher
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

408-9515 データシート(HTML) 1 Page - Tyco Electronics

  408-9515 Datasheet HTML 1Page - Tyco Electronics 408-9515 Datasheet HTML 2Page - Tyco Electronics 408-9515 Datasheet HTML 3Page - Tyco Electronics 408-9515 Datasheet HTML 4Page - Tyco Electronics 408-9515 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Ribbon Cable Notcher
408--9515
LOC B
1
of 5
E
2009 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
30 DEC 09 Rev C
854449- [ ]
Retaining Ring
(2 Places)
Pressure Plate
Cable Support
Plate
Scrap Chute
To Air Supply
Air Control
Valve
Upper Tooling
Cable Stop
Plate
Die
Pressure Plate Dowel
Post (2 Places)
Guard
Upper Die Plate
Subassembly
RIBBON
CABLE
CONNECTOR
NOTCH (mm [in.])
RIBBON
CABLE
CENTERLINE
SIZE
TYPE
SIZE
(Number of
WIDTH OF
WEB
LENGTH
C
NOTCHER
CENTERLINE
(mm [in.])
SIZE
(AWG)
TYPE
(Number of
Positions)
WEB
REMOVED
End
Feed Through
854449--1
2.54 [.100]
24--22
AMPMODU*, MT, MTE
2--28
1.27 [.050]
854449--2
2.54 [.100]
28--26
AMPMODU, MT, MTE, MTA
2--28
1.42 [.056]
10.92
20 32 [ 80]
854449--3
3.96 [.156]
24--18
MTA
2--24
1.80 [.071]
10.92
[.43]
20.32 [.80]
854449--4
2.54 [.100]
28--22
MTA
2--28
1.07 [.042]
Figure 1
1. INTRODUCTION
Ribbon Cable Notcher 854449--[ ] is used to separate
individual wires of ribbon cable for application onto
the connectors listed Figure 1.
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
The ribbon cable notcher is designed to be used with
any one of the following power units:
— Manual Arbor Frame Assembly 58024--1
(408--6923)
This frame assembly is not recommended for use
on connectors with more than 14 positions.
— Pneumatic Applicator Frame Assembly 91112--2
(408--7763)
— 2700--lb Pneumatic Power Unit 312522--1
(409--5843) with Adapter Kit 854468--2 (408--9687)
— AMP--O--LECTRIC* Model “K” Terminating
Machine 2--565435--2 or 565435--5 (409--5128)
with Adapter Kit 854468--1 (408--9687)
Machine 565435--5 is no longer available for new
applications, but can still be used for existing
applications.
For operation and adjustment of the power units, refer
to the instruction sheet (408--series) or customer
manual (409--series) included with the power unit.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
NOTE
i
NOTE
i
NOTE
i


同様の部品番号 - 408-9515

メーカー部品番号データシート部品情報
logo
Tyco Electronics
408-9514 MACOM-408-9514 Datasheet
99Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 5, REVISION SUMMARY
More results

同様の説明 - 408-9515

メーカー部品番号データシート部品情報
logo
Tyco Electronics
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Assmann Electronics Inc...
AWG28-44-G-1-300-R ASSMANN-AWG28-44-G-1-300-R Datasheet
582Kb / 1P
   GREY RIBBON CABLE
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Assmann Electronics Inc...
AWG28-20-G-1-300 ASSMANN-AWG28-20-G-1-300 Datasheet
566Kb / 1P
   GREY RIBBON CABLE
AWG28-40-G-1-300 ASSMANN-AWG28-40-G-1-300 Datasheet
881Kb / 1P
   GREY RIBBON CABLE
AWG28-20-G-300 ASSMANN-AWG28-20-G-300 Datasheet
48Kb / 1P
   Flat Ribbon Cable
AWG28-25-G-1-300-R ASSMANN-AWG28-25-G-1-300-R Datasheet
1Mb / 1P
   GREY RIBBON CABLE
AWG28-26-G-1-300 ASSMANN-AWG28-26-G-1-300 Datasheet
575Kb / 1P
   GREY RIBBON CABLE
AWG28-50-G-1-300-R ASSMANN-AWG28-50-G-1-300-R Datasheet
562Kb / 1P
   GREY RIBBON CABLE
logo
Tyco Electronics
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com