データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RA-3100 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 RA-3100
部品情報  HARTMAN Sensors and Protective Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RA-3100 データシート(HTML) 3 Page - TE Connectivity Ltd

  RA-3100 Datasheet HTML 1Page - TE Connectivity Ltd RA-3100 Datasheet HTML 2Page - TE Connectivity Ltd RA-3100 Datasheet HTML 3Page - TE Connectivity Ltd RA-3100 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6–148
HARTMAN Sensors and Protective Devices
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
RA-3100 Series Remote Power Controller, Rated up to 100 Amps, 115/208 VAC
Product Facts
n 3PST NO
n Gasket sealed
n Auxiliary contacts available
n Meets many requirements
of MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement — 3PST NO
Rated Operating Voltage —
115/208 VAC, 400-610 Hz, 3 phase
Resistive Rating — 100 Amp
Motor Rating — 100 Amp
Rupture Rating — 1,000 Amp
Closing Time, Max., at 28 Vdc —
35 msec
Opening Time, Max., at 28 Vdc —
25 msec
Contact Bounce, Max. — 3 msec
Coil Characteristics
Duty Cycle — Continuous,
economizing
Operating Voltage, Max. — 32 Vdc
Operating Voltage @ 85°C, Min. —
18 Vdc
Coil Current, Inrush Max.@ 25°C —
6.0 Amps
Coil Current, Hold Max.@ 25°C —
0.5 Amps
Trip Time @ 28 Amp Current
+10% —
RA-3100M - 1.0 to 1.50 sec
Trip Time @ 151 Amp Current
+10% —RA-3100D - 3.0 to 5.0 Sec.
Trip Time @ 185 Amp Current
+10% —RA-3100D - 2 to 2.9 Sec.
Trip Time @ 237 Amp Current
+10% —RA-3100D - 1 to 2.5 Sec.
General Characteristics
Temperature Range —
-55°C to +85°C
Operating Cycles (Life) at Rated
Load, Min. — 50,000 cycles
Operating Cycles (Life)
Mechanical, Min. — 100,000 cycles
Altitude — 50,000 ft
Weight, Max. — 1.55 lbs
Circuit Configuration 1
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
RA-3100D
Gasket/Vented
A
Continuous,
1
1616133-1
Economizing
RA-3100M
Gasket/Vented
A
Continuous,
1
1616133-5
Economizing
Mounting Style A
Circuit Configurations (Consult factory for other available circuit
configurations)


同様の部品番号 - RA-3100

メーカー部品番号データシート部品情報
logo
Okaya Electric America,...
RA-311M-C23 OKAYA-RA-311M-C23 Datasheet
680Kb / 2P
   SURGE ABSORBER
RA-311P-C10 OKAYA-RA-311P-C10 Datasheet
680Kb / 2P
   SURGE ABSORBER
More results

同様の説明 - RA-3100

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
Q-50 TEC-Q-50 Datasheet
1Mb / 8P
   HARTMAN Sensors and Protective Devices
A-772 TEC-A-772 Datasheet
273Kb / 1P
   HARTMAN Sensors and Protective Devices
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com