データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APSE4R0ELL561 データシート(PDF) 1 Page - United Chemi-Con, Inc.

部品番号 APSE4R0ELL561
部品情報  Engineering Bulletin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHEMI-CON [United Chemi-Con, Inc.]
ホームページ  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APSE4R0ELL561 データシート(HTML) 1 Page - United Chemi-Con, Inc.

  APSE4R0ELL561 Datasheet HTML 1Page - United Chemi-Con, Inc. APSE4R0ELL561 Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NIPPON CHEMI-CON CORPORATION
1435
1
Engineering Bulletin
Conductive Polymer
Aluminum Solid Capacitors
No.795 / Apr.2008
Specifications in this bulletin are subject to change without notice.
@Super low ESR, high ripple current capability
@Downsized from PSC series (F8B8L to F6.3B8L)
@Endurance is longer life than PSC series (5,000 hours at 105C)
@ESR after endurance is specified within the initial spec
@Rated voltage range : 2.5 to 6.3Vdc
@RoHS Compliant
@Halogen Free
?SPECIFICATIONS
(at 20C, 120Hz)
(at 105C)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
*Note
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max.Impedance Ratio)
Endurance
Bias Humidity Test
Surge Voltage Test
Halogen Free
(Definition)
Failure Rate
Items
-55 to +105C
2.5 to 6.3Vdc
P20% (M)
Rated voltage(V)B1.15
I=0.2CV or 500MA, whichever is greater
Where, I : Leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
0.10 max.
Z(-25C)/Z(+20C)[1.15
Z(-55C)/Z(+20C)[1.25
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 5,000 hours
at 105C.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
D.F. (tanE)
[The initial specified value
ESR
[The initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after subjecting them to DC voltage at 60C,
90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
D.F. (tanE)
[The initial specified value
ESR
[The initial specified value
Leakage current
[The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105C for 30 seconds
through a protective resistor(R=1kO) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
[P20% of the initial value
D.F. (tanE)
[The initial specified value
ESR
[The initial specified value
Leakage current
[The initial specified value
All homogeneous materials within a capacitor meet the criteria in Table-1 and Tabel-2.
Homogeneous material has uniform composition throughout and cannot be mechanically disjointed into different materials.
Table-1
Substance
Bromine (Br)
Chlorine (Cl)
Total concentration of
Chlorine (Cl) + Bromine (Br)
0.5% per 1,000 hours maximum (Confidence level 60% at 105C)
Characteristics
Permissible limit (by weight)
[900ppm (0.09%)
[900ppm (0.09%)
[1,500ppm (0.15%)
Permissible limit (by weight)
[1,000ppm (0.10%)
[1,000ppm (0.10%)
Table-2
Substance
Antimony Trioxide (Sb2O3)
Red Phosphorus
?DIMENSIONS [mm]
?MARKING
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105C.
Size code
fD
fd
F
fD'
L'
F08
6.3
0.6
2.5
FD+0.5max.
L+1.5max.
Coated Case
L'
15min.
4min.
E 6D6
820
2.5V
EX) 2.5V820MF
@Terminal Code : E
Halogen
Free
Downsized
Long Life


同様の部品番号 - APSE4R0ELL561

メーカー部品番号データシート部品情報
logo
United Chemi-Con, Inc.
APSE2R5E CHEMI-CON-APSE2R5E Datasheet
79Kb / 2P
   Radial Lead
APSE6R3E CHEMI-CON-APSE6R3E Datasheet
79Kb / 2P
   Radial Lead
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
More results

同様の説明 - APSE4R0ELL561

メーカー部品番号データシート部品情報
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
United Chemi-Con, Inc.
ELLA6R3E CHEMI-CON-ELLA6R3E Datasheet
54Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
   Semiconductor Products Sector Engineering Bulletin
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com