データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC81.07.0100A.DB データシート(PDF) 8 Page - Taoglas antenna solutions

部品番号 PC81.07.0100A.DB
部品情報  compatible with hirose u.fl
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC81.07.0100A.DB データシート(HTML) 8 Page - Taoglas antenna solutions

  PC81.07.0100A.DB Datasheet HTML 1Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 2Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 3Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 4Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 5Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 6Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 7Page - Taoglas antenna solutions PC81.07.0100A.DB Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPE-12-8-85/B/SS
Page 8 of 8
5. Packaging
100 pcs per small PE Bag
10 small PE bags per large PE bag (1000pcs)
Taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make
changes to specifications and product descriptions at any time without notice.
Taoglas reserves all rights to this document and the information contained herein. Reproduction, use or disclosure to third parties without
express permission is strictly prohibited. Copyright © 2014, Taoglas Ltd.


同様の部品番号 - PC81.07.0100A.DB

メーカー部品番号データシート部品情報
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
   868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
   TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
logo
Sharp Corporation
PC81100NIP0F SHARP-PC81100NIP0F Datasheet
234Kb / 14P
   DIP 4pin High Speed under High Load Resistance Photocoupler
PC81100NIZ0F SHARP-PC81100NIZ0F Datasheet
234Kb / 14P
   DIP 4pin High Speed under High Load Resistance Photocoupler
More results

同様の説明 - PC81.07.0100A.DB

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A Datasheet
252Kb / 8P
   Compatible with Hirose U.FL
PC91.07.0100A.DB TAOGLAS-PC91.07.0100A.DB Datasheet
806Kb / 10P
   compatible with hirose u.fl
RECE-20279-001E.01 TAOGLAS-RECE-20279-001E.01 Datasheet
280Kb / 7P
   IPEX MHF Receptacle Compatible with IPEX MHFII, Hirose U.FL Mating Height: 2.5mm MAX 2,500 pieces per reel
CAB719 TAOGLAS-CAB719 Datasheet
254Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
CAB720 TAOGLAS-CAB720 Datasheet
421Kb / 6P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm ??.32 cable
logo
List of Unclassifed Man...
CAB718 ETC2-CAB718 Datasheet
250Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB719 ETC2-CAB719 Datasheet
255Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
CAB720 ETC2-CAB720 Datasheet
291Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.32 cable
logo
Taoglas antenna solutio...
CAB718 TAOGLAS-CAB718 Datasheet
248Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
List of Unclassifed Man...
CAB721 ETC2-CAB721 Datasheet
241Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.32 cable
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com