データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

107UVR6R3MEW データシート(PDF) 2 Page - Illinois Capacitor, Inc.

部品番号 107UVR6R3MEW
部品情報  High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
ホームページ  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107UVR6R3MEW データシート(HTML) 2 Page - Illinois Capacitor, Inc.

  107UVR6R3MEW Datasheet HTML 1Page - Illinois Capacitor, Inc. 107UVR6R3MEW Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UVR
+105°C Low ESR, High Ripple
Current
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(mA)
120 kHz,
+105°C
Dims DxL
(mm)
39
16
396UVR016MEW
5.101
50
280
1620
6.3x6
47
6.3
476UVR6R3MEW
4.233
70
500
1600
6.3x6
47
10
476UVR010MEW
4.233
50
280
1620
6.3x6
68
16
686UVR016MEW
2.926
30
280
2200
6.3x6
100
6.3
108UVR6R3MFE
0.1989
15
1260
3500
8x10.2
100
6.3
107UVR6R3MEW
1
50
280
1620
6.3x6
100
16
107UVR016MEW
1.9894
25
320
2700
6.3x6
120
10
127UVR010MEW
1.6579
25
280
2320
6.3x6
150
6.3
157UVR6R3MEW
1.3263
50
280
1620
6.3x6
150
10
157UVR010MEW
1.3263
27
300
2320
6.3x6
150
16
157UVR016MFF
1.3263
22
480
3150
8x8
180
16
187UVR016MFBJ
1.1052
16
576
4040
8x12
220
6.3
227UVR6R3MEW
0.9043
15
280
2450
6.3x6
220
16
227UVR016MFF
0.9043
22
704
3150
8x8
220
16
227UVR016MFE
0.9043
22
704
3450
8x10.2
270
16
277UVR016MFE
0.7368
20
864
3600
8x10.2
270
16
277UVR016MFBJ
0.7368
13
864
5200
8x12
330
2.5
337UVR2R5MEW
0.6029
17
280
2900
6.3x6
330
4
337UVR004MEW
0.6029
17
280
2900
6.3x6
330
6.3
337UVR6R3MEF
0.6029
15
416
2700
6.3x8
330
6.3
337UVR6R3MEW
0.6029
25
416
2200
6.3x6
330
10
337UVR010MFBJ
0.6029
14
660
4390
8x12
330
16
337UVR016MFBJ
0.6029
16
1056
4720
8x12
330
16
337UVR016MGU
0.6029
13
1056
4100
10x12.5
390
2.5
397UVR2R5MEW
0.5101
17
280
3390
6.3x6
470
6.3
477UVR6R3MEK
0.4233
15
582
2700
6.3x9
470
6.3
477UVR6R3MFBJ
0.4233
12
592
4780
8x12
470
10
477UVR010MFBJ
0.4233
25
940
3500
8x12
470
16
477UVR016MFBJ
0.4233
14
1504
4040
8x12
470
16
477UVR016MGU
0.4233
13
1504
4100
10x12.5
560
2.5
567UVR2R5MFE
0.3553
12
280
4210
8x10.2
560
2.5
567UVR2R5MEW
0.3553
16
280
3500
6.3x6
560
4
567UVR004MFE
0.3553
14
544
3950
8x10.2
560
4
567UVR004MFBJ
0.3553
13
448
4520
8x12
560
6.3
567UVR6R3MFF
0.3553
20
706
2500
8x8
560
6.3
567UVR6R3MFBJ
0.3553
12
706
4780
8x12
680
2.5
687UVR2R5MFBJ
0.2926
10
340
5020
8x12
680
4
687UVR004MFF
0.2926
13
544
3950
8x8
680
6.3
687UVR6R3MGE
0.2926
15
857
3500
10x10.2
680
16
687UVR016MGU
0.2926
18
2176
4750
10x12.5
820
2.5
827UVR2R5MFE
0.2426
12
410
4210
8x10.2
820
6.3
827UVR6R3MGU
0.2426
12
1033
4500
10x12.5
820
6.3
827UVR6R3MFBJ
0.2426
12
1033
4260
8x12
1000
2.5
108UVR2R5MFF
0.1989
12
500
4260
8x8
1000
4
108UVR004MGE
0.1989
140
800
4850
10x10.2
1500
6.3
158UVR6R3MGE 0.13263
10
1890
4850
10x10.2
2200
6.3
228UVR6R3MGU
0.0943
12
2772
5250
10x12.5


同様の部品番号 - 107UVR6R3MEW

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
181Kb / 2P
   Low ESR, High Ripple Current
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW_17 Datasheet
124Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
More results

同様の説明 - 107UVR6R3MEW

メーカー部品番号データシート部品情報
logo
Illinois Capacitor, Inc...
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com