| データシートサーチシステム |
|
AT89C51CC03U-RDTIM データシート(PDF) 125 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03U-RDTIM データシート(HTML) 125 Page - ATMEL Corporation |
|
125 / 195 page ![]() 125 AT89C51CC03 4182I–CAN–06/05 Table 79. CANIDM2 Register for V2.0 part B CANIDM2 for V2.0 part B (S:C5h) CAN Identifier Mask Registers 2 Note: The ID Mask is only used for reception. No default value after reset. Table 80. CANIDM3 Register for V2.0 part B CANIDM3 for V2.0 part B (S:C6h) CAN Identifier Mask Registers 3 Note: The ID Mask is only used for reception. No default value after reset. 76 543 210 IDMSK 20 IDMSK 19 IDMSK 18 IDMSK 17 IDMSK 16 IDMSK 15 IDMSK 14 IDMSK 13 Bit Number Bit Mnemonic Description 7-0 IDMSK20:13 IDentifier Mask Value 0 - comparison true forced. 1 - bit comparison enabled. See Figure 54. 76 543 210 IDMSK 12 IDMSK 11 IDMSK 10 IDMSK 9 IDMSK 8 IDMSK 7 IDMSK 6 IDMSK 5 Bit Number Bit Mnemonic Description 7-0 IDMSK12:5 IDentifier Mask Value 0 - comparison true forced. 1 - bit comparison enabled. See Figure 54. |