データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L476VG データシート(PDF) 208 Page - STMicroelectronics

部品番号 STM32L476VG
部品情報  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476VG データシート(HTML) 208 Page - STMicroelectronics

Back Button STM32L476VG Datasheet HTML 204Page - STMicroelectronics STM32L476VG Datasheet HTML 205Page - STMicroelectronics STM32L476VG Datasheet HTML 206Page - STMicroelectronics STM32L476VG Datasheet HTML 207Page - STMicroelectronics STM32L476VG Datasheet HTML 208Page - STMicroelectronics STM32L476VG Datasheet HTML 209Page - STMicroelectronics STM32L476VG Datasheet HTML 210Page - STMicroelectronics STM32L476VG Datasheet HTML 211Page - STMicroelectronics STM32L476VG Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 232 page
background image
Package information
STM32L476xx
208/232
DocID025976 Rev 4
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
LQFP144 package information
Figure 49. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More