| データシートサーチシステム |
|
STM32F411RET6 データシート(PDF) 144 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411RET6 データシート(HTML) 144 Page - STMicroelectronics |
|
144 / 149 page ![]() Application block diagrams STM32F411xC STM32F411xE 144/149 DocID026289 Rev 6 Figure 63. USB controller configured in dual mode and used in Full-Speed mode 1. The external voltage regulator is only needed when building a VBUS powered device. 2. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. 3. The ID pin is required in dual role only. |