| データシートサーチシステム |
|
OMAP3530ECUS データシート(PDF) 109 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS データシート(HTML) 109 Page - Texas Instruments |
|
109 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 2.5.6 Miscellaneous Table 2-23. Miscellaneous – GP Timer Signals Description SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) gpt8_pwm_evt PWM or event for GP IO N8 / AD25 / V3 C5 / AD21/ V9 G4/ M4 timer 8 gpt9_pwm_evt PWM or event for GP IO T8 / AB26 / Y2 B4 / W8 / Y24 F4 / N4 timer 9 gpt10_pwm_evt PWM or event for GP IO R8 / AB25 / Y3 C4 / U8 / AA24 G5 / N3 timer 10 gpt11_pwm_evt PWM or event for GP IO P8 / AA25 / Y4 B5 / V8 / AD22 F3 / M5 timer 11 (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 109 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |