データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM357-RTR データシート(PDF) 109 Page - Silicon Laboratories

部品番号 EM357-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR データシート(HTML) 109 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 105Page - Silicon Laboratories EM357-RTR Datasheet HTML 106Page - Silicon Laboratories EM357-RTR Datasheet HTML 107Page - Silicon Laboratories EM357-RTR Datasheet HTML 108Page - Silicon Laboratories EM357-RTR Datasheet HTML 109Page - Silicon Laboratories EM357-RTR Datasheet HTML 110Page - Silicon Laboratories EM357-RTR Datasheet HTML 111Page - Silicon Laboratories EM357-RTR Datasheet HTML 112Page - Silicon Laboratories EM357-RTR Datasheet HTML 113Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 241 page
background image
109
Rev 1.3
SC1_RXCNTA: Address: 0x4000C820 Reset: 0x0
SC2_RXCNTA: Address: 0x4000C020 Reset: 0x0
Register 8.28. SCx_RXCNTA
SC1_RXCNTA: Receive DMA Count Register A
SC2_RXCNTA: Receive DMA Count Register A
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
SC_RXCNTA
Bit
7
6
5
4
3
2
1
0
Name
SC_RXCNTA
Bitname
Bitfield
Access
Description
SC_RXCNTA
[13:0]
RW
The offset from the start of DMA receive buffer A at which the next byte will
be written. This register is set to zero when the buffer is loaded and when
the DMA is reset. If this register is written when the buffer is not loaded, the
buffer is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More