| データシートサーチシステム |
|
EM357-RTR データシート(PDF) 165 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR データシート(HTML) 165 Page - Silicon Laboratories |
|
165 / 241 page ![]() 165 Rev 1.3 TIM1_CCR2: Address: 0x4000E038 Reset: 0x0 TIM2_CCR2: Address: 0x4000F038 Reset: 0x0 TIM1_CCR3: Address: 0x4000E03C Reset: 0x0 TIM2_CCR3: Address: 0x4000F03C Reset: 0x0 Register 9.12. TIMx_CCR2 TIM1_CCR2: Timer 1 Capture/Compare Register 2 TIM2_CCR2: Timer 2 Capture/Compare Register 2 Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name TIM_CCR Bit 7 6 5 4 3 2 1 0 Name TIM_CCR Bitname Bitfield Access Description TIM_CCR [15:0] RW See description in the TIMx_CCR1 register. Register 9.13. TIMx_CCR3 TIM1_CCR3: Timer 1 Capture/Compare Register 3 TIM2_CCR3: Timer 2 Capture/Compare Register 3 Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name TIM_CCR Bit 7 6 5 4 3 2 1 0 Name TIM_CCR Bitname Bitfield Access Description TIM_CCR [15:0] RW See description in the TIMx_CCR1 register. |