| データシートサーチシステム |
|
EM357-RTR データシート(PDF) 210 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR データシート(HTML) 210 Page - Silicon Laboratories |
|
210 / 241 page ![]() Rev 1.3 210 18. Ordering Information Use the following part numbers to order the EM357 and EM351: The EM300 Series package is RoHS-compliant. It conforms to the European Court of Justice decision regarding the Deca-BDE exemption of the RoHS Directive. It is PFOS-compliant in accordance with European Directive 2006/122/EC*1 released in December 2006. The EM357-RTR and EM351-RTR reels conform to EIA Specification 481. To order parts, contact Silicon Labs at 1+(877) 444-3032, or find a sales office or distributor on our website, www.silabs.com. Part Number Part Packaging Material Configuration EM357-RTR EM357 2000 unit reel Standard EM351-RTR EM351 2000 unit reel Standard |