データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM357-RTR データシート(PDF) 215 Page - Silicon Laboratories

部品番号 EM357-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR データシート(HTML) 215 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 211Page - Silicon Laboratories EM357-RTR Datasheet HTML 212Page - Silicon Laboratories EM357-RTR Datasheet HTML 213Page - Silicon Laboratories EM357-RTR Datasheet HTML 214Page - Silicon Laboratories EM357-RTR Datasheet HTML 215Page - Silicon Laboratories EM357-RTR Datasheet HTML 216Page - Silicon Laboratories EM357-RTR Datasheet HTML 217Page - Silicon Laboratories EM357-RTR Datasheet HTML 218Page - Silicon Laboratories EM357-RTR Datasheet HTML 219Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 241 page
background image
Rev 1.3
215
22
PA1
I/O
Digital I/O
TIM2C3
(see also Pin 19)
O
Timer 2 channel 3 output
Disable remap with TIM2_OR[6]
Enable timer output in TIM2_CCER
Select alternate output function with GPIO_PACFGL[7:4]
TIM2C3
(see also Pin 19)
I
Timer 2 channel 3 input
Disable remap with TIM2_OR[6]
SC2SDA
I/O
TWI data of Serial Controller 2
Either disable timer output in TIM2_CCER,
or enable remap with TIM2_OR[6]
Select TWI with SC2_MODE
Select alternate open-drain output function with GPIO_PACFGL[7:4]
SC2MISO
O
SPI slave data out of Serial Controller 2
Either disable timer output in TIM2_CCER,
or enable remap with TIM2_OR[6]
Enable slave with SC2_SPICFG[4]
Select SPI with SC2_MODE
Select alternate output function with GPIO_PACFGL[7:4]
SC2MISO
I
SPI master data in of Serial Controller 2
Enable slave with SC2_SPICFG[4]
Select SPI with SC2_MODE
23
VDD_PADS
Power
Pads supply (2.1–3.6 V)
Table 19.1. EM35x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More