| データシートサーチシステム |
|
EM357-RTR データシート(PDF) 237 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR データシート(HTML) 237 Page - Silicon Laboratories |
|
237 / 241 page ![]() Rev 1.3 237 O-QPSK Offset-Quadrature Phase Shift Keying OSC24M High Frequency Crystal Oscillator OSC32K Low-Frequency 32.768 kHz Oscillator OSCHF High-Frequency Internal RC Oscillator OSCRC Low-Frequency RC Oscillator PA Power Amplifier PCLK Peripheral clock PER Packet Error Rate PHY Physical Layer PLL Phase-Locked Loop POR Power-On-Reset PRNG Pseudo Random Number Generator PSD Power Spectral Density PTI Packet Trace Interface PWM Pulse Width Modulation QFN Quad Flat Pack RAM Random Access Memory RC Resistive/Capacitive RF Radio Frequency RMS Root Mean Square RoHS Restriction of Hazardous Substances RSSI Receive Signal Strength Indicator RTS Request to Send Rx Receive SYSCLK System clock SDFR Spurious Free Dynamic Range SFD Start Frame Delimiter SINAD Signal-to-noise and distortion ratio SPI Serial Peripheral Interface Acronym/Abbreviation Meaning |