データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM351-RTR データシート(PDF) 144 Page - Silicon Laboratories

部品番号 EM351-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR データシート(HTML) 144 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 140Page - Silicon Laboratories EM351-RTR Datasheet HTML 141Page - Silicon Laboratories EM351-RTR Datasheet HTML 142Page - Silicon Laboratories EM351-RTR Datasheet HTML 143Page - Silicon Laboratories EM351-RTR Datasheet HTML 144Page - Silicon Laboratories EM351-RTR Datasheet HTML 145Page - Silicon Laboratories EM351-RTR Datasheet HTML 146Page - Silicon Laboratories EM351-RTR Datasheet HTML 147Page - Silicon Laboratories EM351-RTR Datasheet HTML 148Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 241 page
background image
Rev 1.3
144
9.4. Interrupts
Each timer has its own top-level NVIC interrupt. Writing 1 to the INT_TIMx bit in the INT_CFGSET register enables
the TIMx interrupt, and writing 1 to the INT_TIMx bit in the INT_CFGCLR register disables it. "11. Interrupt System"
on page 190 describes the interrupt system in detail.
Several kinds of timer events can generate a timer interrupt, and each has a status flag in the INT_TIMxFLAG
register to identify the reason(s) for the interrupt:

INT_TIMTIF – set by a rising edge on an external trigger, either edge in gated mode

INT_TIMCCRyIF – set by a channel y input capture or output compare event

INT_TIMUIF – set by a UEV
Clear bits in INT_TIMxFLAG by writing a 1 to their bit position. When a channel is in capture mode, reading the
TIMx_CCRy register will also clear the INT_TIMCCRyIF bit.
The INT_TIMxCFG register controls whether or not the INT_TIMxFLAG bits actually request a top-level NVIC timer
interrupt. Only the events whose bits are set to 1 in INT_TIMxCFG can do so.
If an input capture or output compare event occurs and its INT_TIMMISSCCyIF is already set, the corresponding
capture/compare missed flag is set in the INT_TMRxMISS register. Clear a bit in the INT_TMRxMISS register by
writing a 1 to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More