| データシートサーチシステム |
|
EM351-RTR データシート(PDF) 160 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR データシート(HTML) 160 Page - Silicon Laboratories |
|
160 / 241 page ![]() Rev 1.3 160 TIM_IC3F [7:4] RW Input Capture 3 Filter. (Applies only if TIM_CC3S > 0.) See TIM_IC4F description above. TIM_IC3PSC [3:2] RW Input Capture 3 Prescaler. (Applies only if TIM_CC3S > 0.) See TIM_IC4PSC description above. TIM_CC3S [1:0] RW Capture / Compare 3 Selection. This configures the channel as an output or an input. If an input, it selects the input source. 00: Channel is an output. 01: Channel is an input and is mapped to TI3. 10: Channel is an input and is mapped to TI4. 11: Channel is an input and is mapped to TRGI. This requires an internal trigger input selected by the TIM_TS bit in the TIM_SMCR register. Note: TIM_CC3S may be written only when the channel is off (TIM_CC3E = 0 in the TIMx_CCER register). Bitname Bitfield Access Description |