データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM351-RTR データシート(PDF) 170 Page - Silicon Laboratories

部品番号 EM351-RTR
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR データシート(HTML) 170 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 166Page - Silicon Laboratories EM351-RTR Datasheet HTML 167Page - Silicon Laboratories EM351-RTR Datasheet HTML 168Page - Silicon Laboratories EM351-RTR Datasheet HTML 169Page - Silicon Laboratories EM351-RTR Datasheet HTML 170Page - Silicon Laboratories EM351-RTR Datasheet HTML 171Page - Silicon Laboratories EM351-RTR Datasheet HTML 172Page - Silicon Laboratories EM351-RTR Datasheet HTML 173Page - Silicon Laboratories EM351-RTR Datasheet HTML 174Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 241 page
background image
Rev 1.3
170
INT_TIM1FLAG: Address: 0x4000A800 Reset: 0x0
INT_TIM2FLAG: Address: 0x4000A804 Reset: 0x0
Register 9.18. INT_TIMxFLAG
INT_TIM1FLAG: Timer 1 Interrupt Flag Register
INT_TIM2FLAG: Timer 2 Interrupt Flag Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
INT_TIMRSVD
0
Bit
7
6
5
4
3
2
1
0
Name
0
INT_TIMTIF
0
INT_TIMCC4IF INT_TIMCC3IF INT_TIMCC2IF INT_TIMCC1IF
INT_TIMUIF
Bitname
Bitfield
Access
Description
INT_TIMRSVD
[12:9]
R
May change during normal operation.
INT_TIMTIF
[6]
RW
Trigger interrupt.
INT_TIMCC4IF
[4]
RW
Capture or compare 4 interrupt pending.
INT_TIMCC3IF
[3]
RW
Capture or compare 3 interrupt pending.
INT_TIMCC2IF
[2]
RW
Capture or compare 2 interrupt pending.
INT_TIMCC1IF
[1]
RW
Capture or compare 1 interrupt pending.
INT_TIMUIF
[0]
RW
Update interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More