| データシートサーチシステム |
|
EM351-RTR データシート(PDF) 189 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR データシート(HTML) 189 Page - Silicon Laboratories |
|
189 / 241 page ![]() 189 Rev 1.3 Address: 0x4000A810 Reset: 0x0 Address: 0x4000A850 Reset: 0x0 Register 10.11. INT_ADCFLAG: ADC Interrupt Flag Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 INT_ADCOVF INT_ADCSAT INT_ADCULDFULL INT_ADCULDHALF INT_ADCFLAGRSVD Bitname Bitfield Access Description INT_ADCOVF [4] RW DMA buffer overflow interrupt pending. INT_ADCSAT [3] RW Gain correction saturation interrupt pending. INT_ADCULDFULL [2] RW DMA buffer full interrupt pending. INT_ADCULDHALF [1] RW DMA buffer half full interrupt pending. INT_ADCDATA [0] RW ADC_DATA register has data interrupt pending. Register 10.12. INT_ADCCFG: ADC Interrupt Configuration Register Bit 31 30 29 28 27 26 25 24 Name 0 0 0 0 0 0 0 0 Bit 23 22 21 20 19 18 17 16 Name 0 0 0 0 0 0 0 0 Bit 15 14 13 12 11 10 9 8 Name 0 0 0 0 0 0 0 0 Bit 7 6 5 4 3 2 1 0 Name 0 0 0 INT_ADCOVF INT_ADCSAT INT_ADCULDFULL INT_ADCULDHALF INT_ADCCFGRSVD Bitname Bitfield Access Description INT_ADCOVF [4] RW DMA buffer overflow interrupt enable. INT_ADCSAT [3] RW Gain correction saturation interrupt enable. INT_ADCULDFULL [2] RW DMA buffer full interrupt enable. INT_ADCULDHALF [1] RW DMA buffer half full interrupt enable. INT_ADCDATA [0] RW ADC_DATA register has data interrupt enable. |