| データシートサーチシステム |
|
EM351-RTR データシート(PDF) 215 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR データシート(HTML) 215 Page - Silicon Laboratories |
|
215 / 241 page ![]() Rev 1.3 215 22 PA1 I/O Digital I/O TIM2C3 (see also Pin 19) O Timer 2 channel 3 output Disable remap with TIM2_OR[6] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[7:4] TIM2C3 (see also Pin 19) I Timer 2 channel 3 input Disable remap with TIM2_OR[6] SC2SDA I/O TWI data of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[6] Select TWI with SC2_MODE Select alternate open-drain output function with GPIO_PACFGL[7:4] SC2MISO O SPI slave data out of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[6] Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[7:4] SC2MISO I SPI master data in of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE 23 VDD_PADS Power Pads supply (2.1–3.6 V) Table 19.1. EM35x Pin Descriptions (Continued) Pin # Signal Direction Description |