データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TNETV2664ACLZWT データシート(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
部品番号 TNETV2664ACLZWT
部品情報  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT データシート(HTML) 168 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 164Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 165Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 166Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 167Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 168Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 169Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 170Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 171Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.8
Interrupts
The C64x+ DSP interrupt controller combines device events into 12 prioritized interrupts. The source for
each of the 12 CPU interrupts is user programmable and is listed in Table 6-21. Also, the interrupt
controller controls the generation of the CPU exception and emulation interrupts. The NMI input to the
C64x+ DSP interrupt controller is not connected internally, therefore the NMI interrupt is not available.
Table 6-22 summarizes the C64x+ interrupt controller registers and memory locations. For more details on
DSP interrupt control, see the TMS320C64x+ DSP Megamodule Reference Guide (literature number
SPRU871).
Table 6-21. C6424 DSP System Event Mapping
DSP
DSP
SYSTEM
SYSTEM
ACRONYM
SOURCE
ACRONYM
SOURCE
EVENT
EVENT
NUMBER
NUMBER
0
EVT0
C64x+ Int Ctl 0
64
GPIO0
GPIO
1
EVT1
C64x+ Int Ctl 1
65
GPIO1
GPIO
2
EVT2
C64x+ Int Ctl 2
66
GPIO2
GPIO
3
EVT3
C64x+ Int Ctl 3
67
GPIO3
GPIO
4
TINTL0
Timer 0 – TINT12
68
GPIO4
GPIO
5
TINTH0
Timer 0 – TINT34
69
GPIO5
GPIO
6
TINTL1
Timer 1 – TINT12
70
GPIO6
GPIO
7
TINTH1
Timer 1 – TINT34
71
GPIO7
GPIO
8
WDINT
Timer 2 – TINT12
72
GPIOBNK0
GPIO
9
EMU_DTDMA
C64x+ EMC
73
GPIOBNK1
GPIO
10
Reserved
74
GPIOBNK2
GPIO
11
EMU_RTDXRX
C64x+ RTDX
75
GPIOBNK3
GPIO
12
EMU_RTDXTX
C64x+ RTDX
76
GPIOBNK4
GPIO
13
IDMAINT0
C64x+ EMC 0
77
GPIOBNK5
GPIO
14
IDMAINT1
C64x+ EMC 1
78
GPIOBNK6
GPIO
15
Reserved
79
Reserved
16
Reserved
80
PWM0
PWM0
17
Reserved
81
PWM1
PWM1
18
Reserved
82
PWM2
PWM2
19
Reserved
83
IICINT0
I2C
20
Reserved
84
UARTINT0
UART0
21
Reserved
85
UARTINT1
UART1
22
Reserved
86
Reserved
23
Reserved
87
Reserved
24
Reserved
88
Reserved
25
Reserved
89
Reserved
26
Reserved
90
Reserved
27
Reserved
91
Reserved
28
Reserved
92
Reserved
29
Reserved
93
Reserved
30
Reserved
94
Reserved
31
Reserved
95
Reserved
Reserved
INTERR
C64x+ Interrupt Controller Dropped CPU
32
96
Interrupt Event
33
Reserved
97
EMC_IDMAERR
C64x+ EMC Invalid IDMA Parameters
34
EDMA3CC_GINT
EDMACC Global Interrupt
98
Reserved
35
EDMA3CC_INT0
EDMACC Interrupt Region 0
99
Reserved
36
EDMA3CC_INT1
EDMACC Interrupt Region 1
100
Reserved
37
EDMA3CC_ERRINT
EDMA CC Error
101
Reserved
38
EDMA3TC_ERRINT0
EDMA TC0 Error
102
Reserved
39
EDMA3TC_ERRINT1
EDMA TC1 Error
103
Reserved
40
EDMA3TC_ERRINT2
EDMA TC2 Error
104
Reserved
41
PSCINT
PSC ALLINT
105
Reserved
168
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More